Part Number Hot Search : 
MBR8100 C18F25 D45D4 LD5000R PA1007 BA541 U5021M05 LM336BAP
Product Description
Full Text Search
 

To Download TCN202D18NF1063V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  65 tcn 201 ?/ to 204 tcn 252 ?/ to 254 appellation commerciale / commercial type t ension nominale / rated voltage dimensions / dimensions (mm) tcn 201 10 12 15 18 22 27 33 39 47 68 56 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 pf nf 2,5 2,54 0,6 50 63 100 50 63 100 50 63 100 50 63 63 100 100 63 100 63 100 u rc (v) e6 e12 10 0 12 0 10 1 12 1 15 1 18 1 15 0 18 0 220 270 330 390 470 560 680 820 221 271 331 391 471 561 681 821 10 2 12 2 15 2 18 2 222 272 332 392 472 562 682 822 10 3 12 3 15 3 18 3 223 273 333 393 473 563 683 823 10 4 12 4 15 4 18 4 224 274 334 394 474 560 564 680 684 820 824 1 1,2 1,5 105 125 155 t 0,2 x 0,2 3,5 4,5 tcn 202 2,5 2,54 0,6 5 6 tcn 203 2,5 5,08 0,6 7,5 8,5 tcn 204 3,5 5,08 0,8 10 11 tcn 252 2,5 0,6 5,5 2,5 tcn 253 2,5 0,6 7,5 2,5 tcn 254 3,9 0,8 10 3,9 l 0,5 w max. ? -- 0,05 + 10% 20 % (m) 10 % (k) option : connexions en nickel tam (suffixe d) / tinned nickel leads (suffix d) f t olrances sur capacit t ol?rance on capacitance code des valeurs de c r capacitance value coded molded ceramic capacitors class 2 condensateurs ceramique moules classe 2 appellation commerciale commercial type t ension nominale rated voltage option : connexions en nickel tam option : tinned nickel leads capacit capacitance t olrance t olerance tcn 203 d 100 nf 10 % 100 v exemple de codification ? la commande / how to order l t w > 12 x w l t > 12 haute temperature high temperature di?lectrique c?ramique classe 2 te c hnologie chips multicouches moul? r?sine ?poxy caracteristiques electriques te mp?rature d?tilisation ?55? + 200? t ension nominale u rc ? 20? 50 v - 63 v - 100 v t ension de cat?gorie ? 200? 0,5 u rc t ension de tenue ? 20? 2,5 u rc tg ? 1 khz ? 20? c r 100 pf 250.10 ? ? 200? 150.10 ? tg ? 1 mhz ? 20? c r 100 pf 250.10 ? r?sistance d?solement sous u rc ? 20? c r 25 000 pf 20 000 m c r 25 000 pf 500 m . f ? 200? c r 25 000 pf 200 m c r 25 000 pf 5 m . f marquage mod?le capacit? * to l?rance * t ension * date-code dielectric ceramic class 2 te c hnology multilayer chips epoxy molded electrical characteristics operating temperature ?55? + 200? rated voltage u rc at 20? 50 v - 63 v - 100 v v oltage category at 200? 0,5 u rc t est voltage at 20? 2,5 u rc tg at 1 khz at 20? c r 100 pf 250.10 ? at 200? 150.10 ? tg at 1 mhz at 20? c r 100 pf 250.10 ? insulation resistance under u rc at 20? c r 25 000 pf 20 000 m c r 25 000 pf 500 m . f at 200? c r 25 000 pf 200 m c r 25 000 pf 5 m . f marking model capacitance * to lerance * v oltage * date-code * en clair ou en code (voir page 38) clear or coded (see page 38) tcn 20 tcn 25


▲Up To Search▲   

 
Price & Availability of TCN202D18NF1063V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X